Part Number Hot Search : 
SD400 UTC78M09 AN2335 6EL1SCM 80C32E 2C150 BA6897S 25ETS08S
Product Description
Full Text Search
 

To Download DTA124ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DTA124EE/DTA124EUA/DTA124ECA DTA124EKA/DTA124ESA
Elektronische Bauelemente
PNP Digital Transistors (Built-in Resistors)
FEATURES
* Built-in bias resistors enable the configuration of an inverter circuit without connecting input resistors (see equivalent circuit). * Only the on/off confitions need to be set for operation, making device design easy. * The bias resistors consis of thin-film resistors with compete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects.
PIN CONNENCTIONS AND MARKING
DTA124EE DTA124EUA
SOT-523
Abbreviated symbol: 15
SOT-323
Abbreviated symbol: 15
DTA124EKA
DTA114ECA DTA124ECA
SOT-23-3L
Abbreviated symbol: 15
SOT-23
Abbreviated symbol: 15
DTA124ESA
TO-92S
http://www.SeCoSGmbH.com
l Any changing of specification will not be informed individua
01-Jun-2002 Rev. A
Page 1 of 2
DTA124EE/DTA124EUA/DTA124ECA DTA124EKA/DTA124ESA
Elektronische Bauelemente
PNP Digital Transistors (Built-in Resistors)
Absolute maximum ratings(Ta=25)
Parameter Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature
Parameter Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Transition frequency
Symbol VCC VIN IO IC(MAX) Pd Tj Tstg
Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT 56 15.4 0.8 -3 Min.
Limits (DTA124E E UA KA -50 -40~10 -30 -100 150 200 150 -55~150
Typ Max. -0.5 Unit V V mA A
) CA SA
Unit V V mA
300
mW

Electrical characteristics (Ta=25)
Conditions VCC=-5V ,IO=-100A VO=-0.2V ,IO=-5 mA IO/II=-10mA/-0.5mA VI=-5V VCC=-50V ,VI=0 VO=-5V ,IO=-5mA 22 1 250 28.6 1.2 MHz VO=-10V ,IO=-5mA,f=100MHz K
-0.3 -0.36 -0.5
Typical Characteristics
DTA124EE/EUA/EKA/ESA/ECA
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of DTA124ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X